Part Number Hot Search : 
D156M 284166 UF4001 2779H 3PMT150A L6911ETR P6KE22CA BD101
Product Description
Full Text Search
 

To Download 2SD1213 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SD1213
DESCRIPTION With TO-3PN package Low collector saturation voltage Large current capacity. Complement to type 2SB904 APPLICATIONS Large current switching of relay drivers, high-speed inverters, converters.
PINNING PIN 1 2 3 Base Collector;connected to mounting base Fig.1 simplified outline (TO-3PN) and symbol Emitter DESCRIPTION
Absolute maximum ratings (Ta=25ae )
SYMBOL VCBO VCEO VEBO IC ICP PARAMETER

INC
Collector-base voltage
Collector-emitter voltage
E SEM ANG H
Open base
OND IC
CONDITIONS
TOR UC
VALUE 60 30 6 20 30 UNIT V V V A A
Open emitter
Emitter-base voltage Collector current (DC) Collector current (Pulse)
Open collector
TC=25ae PC Collector power dissipation Ta=25ae Tj Tstg Junction temperature Storage temperature
60 W 2.5 150 -55~150 ae ae
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-base breakdown voltage Emitter-base breakdown voltage Collector-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain DC current gain Transition frequency CONDITIONS IC=1mA ;RBE= IC=1mA; IE=0 IE=1mA; IC=0 IC=8A; IB=0.4A VCB=40V; IE=0 VEB=4V; IC=0 IC=1A ; VCE=2V IC=10A ; VCE=2V IC=1A ; VCE=5V 70 30 MIN 30 60 6
2SD1213
SYMBOL V(BR)CEO V(BR)CBO V(BR)EBO VCEsat ICBO IEBO hFE-1 hFE-2 fT
TYP.
MAX
UNIT V V V
0.4 0.1 0.1 280
V mA mA
Switching times ton ts tf
Fall time
Turn-on time Storage time

hFE-1 Classifications Q 70-140 R 100-200 S 140-280
INC
E SEM ANG H
IC=10A;IB1=-IB2=-0.5A VCC=10V ;RL=1|
OND IC
TOR UC
0.3 0.6 0.02
120
MHz
|I |I |I
s s s
2
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SD1213

CHA IN
E SEM NG
OND IC
TOR UC
Fig.2 outline dimensions (unindicated tolerance:A
0.10 mm)
3


▲Up To Search▲   

 
Price & Availability of 2SD1213

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X